condor d.c. power supplies, inc., a subsidiary of sl industries, inc. 805-486-4565 ?(800) 235-5929 fax: (805) 487-8911 http://www.condorpower.com 1200 watts power factor corrected single output, hot swap model output rating pwr out SPH-1200-24 24v @ 50a 1200 SPH-1200-28 28v @ 42a 1200 SPH-1200-48 48v @ 25a 1200 standard sph series the SPH-1200 series provides low- cost, highly reliable, n+1 redundant hot swap power for critical applications. these 1200-watt single-output power supplies include an integral fan and are available with a front panel and handle for front access in sub-system racks or without handles for embedded applications. power factor correction, or-ing diodes, and current sharing make the sph series an ideal choice for communi- cations and data processing systems utilizing distributed power or redundant power architecture. SPH-1200 featuring: diode isolated output for hot swap ?ero wire?slope program current sharing for redundancy high power density: 5 w/cu. in. industry standard din connector universal ac input 0.99 typical power factor dc power good and ac power fail signals true remote inhibit monotonic turn-on and turn-off see trs (rack system)
condor d.c. power supplies, inc., a subsidiary of sl industries, inc. 805-486-4565 ?(800) 235-5929 fax: (805) 487-8911 http://www.condorpower.com specifications: all models input ac input: 105-264 vac continuous range, 47 to 63 hz. internally fused for 20 a. power factor: 0.99 typical at full load. meets en61000-3-2. inrush: cold start ac current is less than 75 a at 115 vac and 150 a at 230 vac for 8 ms typical. limited by thermistor. holdup time: 16 ms minimum after removal of power at full load. efficiency: 80% minimum ac power fail: provides ttl ?? 5 ms before output voltage goes out of regulation band upon loss of ac power. brownout protection: holds regulation to 85 vac for 30 seconds maximum. output adjustability: user adjustable ?% minimum. line regulation: ?.2% load regulation: ?% (slope program) from 0 to 100% load change. turn on delay: 1 second typical output rise time: (from 10% to 90%) 20 ms typical. ripple & noise: less than 1% p-p, measured at 20 mhz bandwidth. temperature coefficient: 0.02% per degree c. stability: 0.1% over 8 hours after 30 minutes warm-up. transient response: output voltage returns to within 1% in less than 500 ? for a 50% load change. peak transient does not exceed 3%. overload protection: electronic current limit, 120% maximum. overvoltage protection: protects load against power supply induced overvoltage. trip point is factory set so that output voltage cannot exceed 136% of nominal. requires ac input to be cycled to reset. remote inhibit: contact closure or a ttl level ??turns off dc output. dc power good: provides a ttl ??open collector when output is above 90% of nominal. maximum pull-up voltage 30 vdc; maximum sink current, 10 ma. redundancy: built-in or-ing diode, slope program current sharing, and din blade connector provide ?ot swap?and ?+1?capabilities. current sharing remains within 10% of the unit s full output rating given 0.2% initial accuracy in the output voltage setting. status indicators: green led on the front panel indicates normal operation (acpf high and dcpg low) environmental thermal protection: shuts down power supply if overheated. automatic recovery. temperature range: 0 to 50? at full ratings. safety agencies: approved to ul1950; csa 22.2 #950; iec 950 and t?v en60950, class 1 selv, ce 73/23/eec//93/68/eec (low voltage directive). conducted rfi: meets fcc part 15, subpart j, class a; en55022 class b; and cispr 22 class b. cooling: self-cooled by internal ball-bearing fan. 1200 watts 13.44? 5? 4.03 SPH-1200 function location notes connector output z12 d14 z16 d18 (+) to polarity voltage z4 d6 z8 d10 (-) to polarity function location notes connector dc power good z20 reference to ac power fail d22 to common inhibit z24 location 115 vac 230 vac connector z32 line line 1 d30 neutral line 2 see below z28 safety ground safety ground ac input (105-264 vac continuous range) dc output eurocard connector - male din 41 612 level 1- type h status and control see above options option ?? rack mount panel: special panel is required for rack mounting. consult factory for other available options. dimensions: inches millimeters SPH-1200 7.3 lbs - 3.3 kgs
|